Part Number Hot Search : 
ES8396 25C160 258809 99772716 CS8151CG 99772716 SAA5291 PST60
Product Description
Full Text Search
 

To Download CSL0901DT Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  l features l outline ? ? l size 1006 (0402) 1.00.6mm (t=0.2mm) l dimensions l recommended solder pattern l specifications typ. i f max. v r min.* 2 typ. max.* 2 i f min. typ. i f (v) (ma) ( m a) (v) (nm) (nm) (nm) (ma) (mcd) (mcd) (ma) csl0901vt 630 174 csl0901ut 620 185 CSL0901DT 605 405 csl0901yt 590 320 csl0901wt 587 290 csl0901mt 571 140 csl0901pt 560 34 * 1 : duty 1/10, 1khz * 2 : reference - 20 - 20 2.0 20 10 12 - csl0901 series lens type led high brightnes led green color i fp (ma) current v r (v) voltage dissipation current p d (mw) i f (ma) yellow 50 20 part no. chip structure absolute maximum ratings (ta=25oc) aigainp on gaas yellowish green red 100* 1 12 orange - 40 to + 100 - 40 to + 100 topr(oc) tstg(oc) electrical and optical characteristics (ta=25oc) emitting power forward peak forward reverse operating temp. storage temp. forward voltag v f reverse current i r dominant wavelength l d luminous intensity i v (unit : mm) tolerance : ? 0.1 (unit : mm) 1608 (0603) 1.6 0.8mm (t=1.24mm) color type v u d y p w m 1/6 2016.03 - rev.b data sheet www.rohm.com ? 2015 rohm co., ltd. all rights reserved.
csl0901 series l electrical characteristics curves 1 10 100 1.0 1.5 2.0 2.5 3.0 0.0 0.5 1.0 1.5 0 5 10 15 20 0 10 20 30 - 40 - 30 - 20 - 10 0 10 20 30 40 50 60 70 80 90 100 110 fig.1 forward current - forward voltage s forward current : i f [ma] fo rward voltage : v f [v] fig.2 luminous intensity - forward current relative luminous intensity [a.u.] fo rward current : i f [ma] fig.3 derating maximum forward current : [ma] amb ient temperature : ta [oc] ta=25 oc ta=25 oc * cu foil : 1.5mm 25mm t=0.070mm cathode pcb fr4 t=1.6mm * this data is actual value from specific lot and is not guaranteed reference csl0901vt csl0901ut CSL0901DT csl0901yt csl0901wt csl0901mt csl0901pt csl0901vt csl0901ut CSL0901DT csl0901yt csl0901wt csl0901mt csl0901pt csl0901vt csl0901ut CSL0901DT csl0901yt csl0901wt csl0901mt csl0901pt r j - s 636oc/w r j - a 723oc/w tjmax 110oc 2/6 201 6.0 3 - rev.b www.rohm.com ? 2015 rohm co., ltd. all rights reserved. data sheet
csl0901 series l viewing angle l part no. construction l packing specification rohm led products are being shipped with desiccant (silica gel) concluded in moisture-proof bags. pasting the moisture sensitive label on the outer surface of the moisture-proof bags or enclosing the humidity indication card inside the bag is available upon request. please contact the nearest sales office or distributer if necessary. scanning angle (deg) relative intensity scanning angle (deg) relative intensity reference 3/6 201 6.0 3 - rev. b www.rohm.com ? 2015 rohm co., ltd. all rights reserved. data sheet 10 10 20 20 40 50 70 80 40 50 70 80 0 50 100 50 100 0 30 60 90 30 60 90 x - y scanning direction 10 10 20 20 40 50 70 80 40 50 70 80 0 50 100 50 100 0 30 60 90 30 60 90 x - y scanning direction
4/6 1.storage if the product is heated during the reflow under the condition of hygroscopic state, it may vaporize and expand which will influence the performance of the product. therefore, the package is waterproof. please use the product following the conditions: ? using conditions classification temperature humidity expiration date remark before using 5 to 30oc 30 to 70%rh within 1 year from receiving storage with waterproof package after opening package 5 to 30oc below 70%rh within 168h please storing in the airtight container with our desiccant (silica gel) ? baking bake the product in case of below: t he expiration date is passed. the color of indicator (silica gel) turned from blue to colorless or from green to pink. (even if the product is within the expiration date.) ? baking conditions temperature time humidity 603oc 12 to 24h below 20%rh remark ? bake products in reel. ? reel and embossed tape are easy to be deformed when baking, so please try not to apply stress on it. ? recommend bake once. 2.application methods 2-1. precaution for drive system and off mode design the circuit without the electric load exceeding the absolute maximum rating that applies on the products. if drive by constant voltage, it may cause current deviation of the led and result in deviation of luminous intensity, so we recommend to drive by constant current. (deviation of vf value will cause deviation of current in led.) furthermore, for off mode, please do not apply voltage neither forward nor reverse. especially, for the products with the ag-paste used in the die bonding, there ? s high possibility to cause electro migration and result in function failure. 2 -2. operation life span t h ere ? s possibility for intensity of light drop according to working conditions and environments (applied current, surrounding temperature and humidity, corrosive gases), please call our sales staffs for inquiries about the concerned application below. longtime intensity of light life on mode all the time 2-3.applied stress on product the top of the led is very soft, which the silicon resin is used as sealing resin. therefore, please pay attention to the overstress on it which may influence its reliability. 2-4.usage t h e product is led. we are not responsible for the usage as the diode such as protection chip, rectifier, switching and so on. 3. others 3-1. surrounding gas notice that if it is stored under the condition of acid gas (chlorine gas, sulfured gas) or alkali gas (ammonia), it may result in low soldering ability (caused by the change in quality of the plating surface ) or optical characteristics changes (light intensity, chrominance) and change in quality of die bonding (ag-paste) materials. all of the above will cause function failure of the products. therefore, please pay attention to the storage environment for mounted product (concern the generated gas of the surrounding parts of the products and the atmospheric environment). www.rohm.com ? 2015 rohm co., ltd. all rights reserved. data sheet csl0901 series 201 6 .0 3 - rev.b l precaution (surface mount device)
5/6 3-2. electrostatic damage the product is part of semiconductor and electrostatic sensitive, there ? s high possibility to be damaged by the electrostatic discharge. please take appropriate measures to avoid the static electricity from human body and earthing of production equipment. the resistance values of electrostatic discharge (actual values) vary with products, therefore, please call our sales s taffs for inquiries. 3-3. electromagnetic wave p l ease concern the influence on led in case of application with strong electromagnetic wave such as ih (induction heating). 4.mounting 4-1. soldering ? no resin hardening agent such as filler is used in the sealing resin of the product. therefore, resin expansion and moisture absorption at humidity will cause heat stress during soldering process and finally has bad influence on the product ? s reliability. ? the product is not for flow soldering. ? do not expose the product in the environment of high temperature (over 100oc ) or rapid temperature shift (within 3oc of temperature gradient) during the flow soldering of surrounding parts. ? please set appropriate reflow temperature based on our product usage conditions and specification. ? the max for reflow ing is 2 times, please finish the second flow soldering and flow soldering with other parts within the usage limitation after open the moistureproof package. ? compare with n2 reflow, during air reflow, because of the heat and surrounding conditions, it may cause the discoloration of the resin. ? for our product that has no solder resist, because of its solder amount and soldering conditions, one of i ts specific characteristics is that solder will penetrate into led. thus, there's high possibility that will influence its reliability. therefore, please be informed, concerning it before using it. 4-2. automatic mounting 4-2-1.silicon resin sealing product t h e sealing resin of led is very soft, so please select adsorption nozzle that would not apply stress directly on the sealing section. 4-2-2.mini package (smaller than 1608 size) vibration may result in low mounting rate since it will cause the static electricity of product and adhere to top cover tape. we recommend to ? set magnet on parts feeder cassette of the mounter to control the product stabilization ? set ionizer to prevent electrostatic charge 4-3. mounting location t h e stress like bending stress of circuit board dividing after mounting, may cause led package crack or damage of led internal junction, therefore, please concern the mounting direction and position to avoid bending or screwing with great stress of the circuit board.. 4-4. mechanical stress after mounting th e mechanical stress may damage the led after circuit mounting, so please pay attention to the touch on product. stress strength according to the mounting position: a>b> c>d www.rohm.com ? 2015 rohm co., ltd. all rights reserved. data sheet csl0901 series 201 6 .0 3 - rev.b
direction for circuit board warping 0.8mm 0.85m m 0.8m m 0.8m m 6/6 4-5. soldering pattern for recommendation we recommend the soldering pattern that shows on the right. it will be different according to mounting situation of circuit board, ? www.rohm.com ? 2015 rohm co., ltd. all rights reserved. data sheet csl0901 series 201 6 .0 3 - rev.b
r1102 a www.rohm.com ? 2015 rohm co., ltd. all rights reserved. notice rohm cu stomer support sys tem h ttp:// www.r ohm .com/con tact/ thank you for your accessing to rohm product informations. more detail product informations and catalogs are available, please contact us. notes the information contained herein is subject to change without notice. before you use our products, pl ease contact our sales representative and verify th e la tes t specifica- tion s : althou gh rohm is contin uous ly wor king to impr ove p roduct r elia bility and qualit y, semicon- duc tor s c an brea k d ow n and ma lf unction due to var ious f acto rs. the re fore, in or der to prevent per sonal in ju ry or fire ar isi ng f ro m fa ilur e, please ta ke saf ety meas ur es su ch as com plyin g wi th th e der atin g ch ara ct er istic s, imple menting redundant and f ir e preve nt ion designs, and u tilizin g ba ck up s a nd f ail- sa fe p rocedure s. ro hm shall have no responsibility for any damages arising out of the use of our poducts b ey ond the rating specified by rohm. examples of application circuits, circuit constants and any other information contained herein are provided only to illustrate the standard usage and operations of the products. the peripheral conditions must be taken into account when designing circuits for mass production. the technical information specified herein is intended only to show the typical functions of and examples of application circuits for the products. rohm does not gr ant you, explicitly or implicitly, any license to use or exercise intellectual property or other rights held by rohm or any other parties. rohm shall have no responsibility whatsoever for any dispute arising out of the use of such technical information. the products are intended for use in general electronic equipment (i.e. av/oa devices, communi- cation, consumer systems, gaming/entertainment sets) as well as the applications indicated in this document. the products specified in this document are not designed to be radiation tolerant. for use of our products in applications requiring a high degree of reliability (as exemplified bel ow), please contact and consult with a rohm representative : transportation equipment (i.e. cars, ships, trains), primary communication equipment, traffic lights, fire/crime prevention, safety equipment, medical systems, servers, solar cells, and power transmission systems. do not use our products in applications requiring extremely high reliability, such as aerospace equipment, nuclear power control systems, and submarine repeaters. rohm shall have no responsibility for any damages or injury arising from non-compliance with the recommended usage conditions and specifications contained herein. rohm has used reasonable care to ensur the accuracy of the information contained in this document. however, rohm does not warrants that such information is error-free, and rohm shall have no responsibility for any damages arising from any inaccuracy or misprint of such information. please use the products in accordance with any applicable environmental laws and regulations, such as the rohs directive. for more details, including rohs compatibility, please contact a rohm sales office. rohm shall have no responsibility for any damages or losses resulting non-compliance with any applicable laws or regulations. when providing our products and technologies contained in this document to other countries, you must abide by the procedures and provisions stipulated in all applicable export laws and regulations, including without limitation the us export administration regulations and the foreign exchange and foreign trade act. this document, in part or in whole, may not be reprinted or reproduced without prior consent of rohm. 1) 2) 3) 4) 5) 6) 7) 8) 9) 10) 11) 12) 13) 14)
datasheet part number CSL0901DT package csl0901 unit quantity minimum package quantity packing type constitution materials list inquiry rohs yes CSL0901DT - web page


▲Up To Search▲   

 
Price & Availability of CSL0901DT

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X